PART |
Description |
Maker |
XR-2001 XR-2002 XR2001 XR-2003 |
(XR-2001 - XR2-004) High Voltage / High Current Darlington Transistor Arrays (XR2001 - XR2004) High Voltage / High Current Darlington Transistor Arrays
|
Exar
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BSX32 3338 |
HIGH VOLTAGE HIGH CURRENT SWITCH From old datasheet system HIGH-VOLTAGE, HIGH-CURRENT SWITCH
|
SGS Thomson Microelectronics STMicro
|
2N3725 |
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
|
Seme LAB
|
ULN2003 ULN2004 |
(ULN2003 / ULN2004) High-Voltage High-Current Darlington Arrays High-Voltage, High - Current Darlington Arrays
|
FCI First Components International
|
2SD2226K |
High DC current gain. High emitter-base voltage. Low saturation voltage.
|
TY Semiconductor Co., Ltd
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
2SC2712 |
High voltage and high current: VCEO = 50 V, IC = 150 mA (max) High hFE: hFE = 70 700
|
TY Semiconductor Co., Ltd
|
XC6404 XC6404DE82MR XC6404DE86MR XC6404CE81MR XC64 |
From old datasheet system High Current, High Speed LDO Regulators, Voltage Detector Function High Current/ High Speed LDO Regulators/ Voltage Detector Function
|
TOREX[Torex Semiconductor]
|
MAX16833AUE MAX16833 MAX16833B |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
Maxim Integrated Products
|
SDAH10000 |
(SDAH2500 - SDAH15000) STANDARD RECOVERY HIGH CURRENT - HIGH VOLTAGE RECTIFIER
|
SSDI
|