PART |
Description |
Maker |
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3709 IRF3709L IRF3709S IRF370B9L IRF370B9S F370 |
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A? Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 90A型? Power MOSFET(Vdss=30V/ Rds(on)max=9.0mohm/ Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A?) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
IRF520N |
Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A) 功率MOSFET(减振钢板基本\u003d 100伏,的Rds(on)\u003d 0.20欧姆,身份证\u003d 9.7A Power MOSFET(Vdss = 100 V/ Rds(on) = 0.20 Ohm/ Id= 9.7A) Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
|
International Rectifier, Corp.
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRF9640 IRF9640PBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-11A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-11A)
|
IRF[International Rectifier]
|
IRF3703 IRF3703PBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A? Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A) Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A?) Power MOSFET(Vdss=30V/ Rds(on)max=2.8mohm/ Id=210A)
|
International Rectifier
|
IRF1407SPBF IRF1407LPBF IRF1407SPBF-15 |
HEXFET? Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078Ω , ID = 100A ) HEXFET㈢ Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|