PART |
Description |
Maker |
XX1000-QT-0G0T XX1000-QT-EV1 XX1000-QT-0G00 XX1000 |
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
|
MIMIX[Mimix Broadband]
|
XX1000-QT_07 XX1000-QT XX1000-QT-0G00 XX1000-QT-0G |
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
|
MIMIX[Mimix Broadband]
|
LT1575CN8-2.8 LT1577CS-ADJ/ADJ LT1575CS8-3.5 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed CAP ELECT 22UF 35V HC SMD 3.3 V FIXED POSITIVE LDO REGULATOR, PDIP8 CAP 3.3UF 50V ELECT VS BI-POLAR 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection CAP ELECT 220UF 35V HC SMD CAP 100UF 10V ELECT TG SMD CAP 220UF 10V ELECT TG SMD Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No CAP ELECT 47UF 25V HC SMD
|
http:// Linear Technology, Corp. 固定正电压单路输出LDO稳压 Linear Technology Corporation
|
XX1000-QT XX1000-QT-0G00 |
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm 7500 MHz - 22500 MHz RF/MICROWAVE FREQUENCY DOUBLER
|
Mimix Broadband, Inc.
|
T520B227M006ATE035 |
KEMET Organic Capacitor (KO-CAP) ?Low ESR T520 Series Polymer Tantalum
|
Kemet Corporation
|
LT1226 LT1226C LT1226CN8 LT1226CS8 |
CAP 82000UF 16V ELECT THA SERIES 低噪声超高速运算放大器 Low Noise Very High Speed Operational Amplifier From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT6559CUD LT6559CUDTRPBF |
Low Cost 5V/±5V 300MHz Triple Video Amplifi er in 3mm × 3mm QFN Low Cost 5V/±5V 300MHz Triple Video Amplifier in 3mm x 3mm QFN; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PQCC16
|
Linear Technology, Corp.
|
XC6212D302ML XC6212D302MR XC6212D30AML XC6212D30AM |
DIODE SWITCHING 75V 150MA 0603 CAP CERAMIC 22PF 25V NP0 0201 High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control From old datasheet system
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|