PART |
Description |
Maker |
MX26LV800BXBC-70G MX26LV800TXBC-70G MX26LV800BXBC- |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
LY61L51216AML-10I LY61L51216AML-10IT LY61L51216AML |
512K X 16 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
LY61L5128AML-10 LY61L5128AML-10T LY61L5128AML-10I |
512K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
EDI8M4512C |
512K X 4 SRAM CMOS HIGH SPEED MODULE
|
ETC[ETC]
|
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
AS5C512K8ECJ-35/H AS5C512K8ECJ-17L/H AS5C512K8ECJ- |
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT 12k × 8的SRAM高速SRAM和革命引脚排 LED, GRN SMT, 1206 µP-Compatible 14-Bit CMOS DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial Circular Connector; No. of Contacts:37; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:28-21 RoHS Compliant: No CAT5 STP BACKBONE CABLE STRAIGHT PIN, PLN-GRAY 512K x 8 SRAM - high speed with revolutionary pinout
|
Electronic Theatre Controls, Inc. Austin Semiconductor http://
|
2N5007 2N5009 27C040 |
HIGH SPEED PNP TRANSISTOR 4 MEG COMS EPROM(512K x 8)
|
ETC PHILIPS[Philips Semiconductors]
|
BH616UV8011AI55 BH616UV8011 BH616UV8011AIP55 |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconductor
|
IDT70T3539MS133BCI |
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
|
Integrated Device Technology, Inc.
|