PART |
Description |
Maker |
2SD2083 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
2SC4161 |
NPN Triple Diffused Planar Type Silicon Transistor SWITCHING REGULATOR APPLICATIONS NPN Triple Diffused Planar Silicon Transistor
|
Sanyo Semicon Device
|
2SC2073A01 2SC2073A |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS) POWER AMPLIFIER AND VERTICAL OUTPUT APPLICATIONS TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SC5099 2SC5099P |
6 A, 80 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
|
SANKEN[Sanken electric]
|
TT2140LS SANYOELECTRICCO.LTD.-TT2140LS |
6 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS(NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR)
|
SANYO SEMICONDUCTOR CO LTD Sanyo Electric SANYO[Sanyo Semicon Device]
|
KSC5338DTU |
NPN Triple Diffused Planar Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 5 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FJAF6810ATU |
NPN Triple Diffused Planar Silicon Transistor; Package: TO-247/TO-3P/TO-3PF; No of Pins: 3; Container: Rail 10 A, 750 V, NPN, Si, POWER TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
FJL6920TU |
NPN Triple Diffused Planar Silicon Transistor; Package: TO-264; No of Pins: 3; Container: Rail 20 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-264AA
|
Fairchild Semiconductor, Corp.
|
2SC2230 2SC2230A 2SC2230AGR |
TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 100MA I(C) | TO-92VAR Transistor Silicon NPN Triple Diffused Type (PCT Process) HIGH VOLTAGE GENERAL AMPLIFIER AND COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|
2SD2342C |
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 6A I(C) | TO-247VAR Silicon NPN Triple Diffused(三倍扩散NPN晶体 硅npn型三重扩散(三倍扩散npn型晶体管
|
Hitachi,Ltd.
|
2SC5515 |
Silicon NPN triple diffusion mesa type(For horizontal deflection output) 17 A, 600 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. Panasonic Corporation Panasonic Semiconductor
|