PART |
Description |
Maker |
25C160-I/SN 25C160-/P |
Power Source Selector for Dual-Battery Systems SPI串行EEPROM IC,LIN,SMD,DC-DC CONV, 5V/12V SPI串行EEPROM
|
Microchip Technology, Inc.
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
LDZ125ES 30E-1C-5.5 15NLE3-250E 20E-1C-15.5S 20E-1 |
MEDIUM BLOW ELECTRIC FUSE, 125A, 8250VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 30A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 250A, 15500VAC, 60000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 20A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 125A, 15500VAC, 60000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 2750VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 125A, 2750VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 500A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 600A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 8250VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 25A, 15500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 20A, 25800VAC, 40000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 20A, 15500VAC, 60000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 80A, 2750VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 8250VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 2A, 4800VAC, 50000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 30A, 15500VAC, 60000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 65A, 38000VAC, 20000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 175A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 200A, 8250VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 350A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 300A, 15500VAC, 60000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 250A, 15500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 350A, 8250VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 65A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 5500VAC, 80000A (IR), INLINE/HOLDER
|
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
|