PART |
Description |
Maker |
HD64F7040 HD64F7043 HD64F7045 |
(HD64F7040 - HD64F7045) Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
|
Renesas Technology
|
SH7040 SH7042 SH7043A SH7045 SH7040A SH7041A SH704 |
Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器的SuperH RISC引擎Family/SH7040系列(CPU核心SH - 2 Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器的SuperH RISC引擎Family/SH7040系列(CPU核心的SH - 2 Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器SuperH RISC引擎Family/SH7040系列(CPU核心SH - 2
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
32170 |
32-bit RISC Single-chip Microcomputers
|
Renesas Electronics Corporation
|
UPD70F3079AYGCA-8EU UPD70F3079AYGC-8EU UPD703076AY |
32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
LPC2458FET180551 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface; Package: SOT570-2 (TFBGA180); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA180
|
NXP Semiconductors N.V.
|
XC2387C XC2388C SAF-XC2387C-104F100L |
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance 32-BIT, FLASH, 100 MHz, RISC MICROCONTROLLER, PQFP144
|
Infineon Technologies AG
|
LPC2368FET100518 LPC2364FET100518 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA100
|
NXP Semiconductors N.V.
|
IDT79RV4650-100DP IDT79RV4650-100DPI IDT79RV4650-1 |
EMBEDDED 64-BIT ORION ? RISC MICROPROCESSOR Low-Cost 64-bit RISController w/DSP Capability DEMAK9S 64-BIT, 100 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 200 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 150 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
|