PART |
Description |
Maker |
AM29F080B-75SC |
Flash Memory IC; Memory Size:8Mbit; Memory Configuration:1M x 8; Package/Case:44-SOIC; Supply Voltage:5V; Access Time, Tacc:75ns; Mounting Type:Surface Mount 1M X 8 FLASH 5V PROM, 70 ns, PDSO44
|
Spansion, Inc.
|
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
AM29LV160MB70RPCI AM29LV160MT85WAI AM29LV160MB90EI |
Flash Memory IC 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
|
Spansion, Inc. Advanced Micro Devices
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
MB84VA2103-10 MB84VA2102 MB84VA2102-10 MB84VA2103 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
LH28F160S5 LH28F160S5-L10 LH28F160S5-L70 LH28F160S |
LH28F160S5D-L70 16MBIT (2MB x 8/1MB x 16)Smart 5 Flash Memory 16-MBIT(2MBx8/MBx16)Smart 5 Flash MEMORY 16-MBIT (2MBx8/1MBx16) Smart 5 Flash MEMORY
|
SHARP[Sharp Electrionic Components]
|
MB84VD21181-85-PBS MB84VD21181-85-PTS MB84VD21191- |
16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 16M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
29F002 MX29F002BQI-12 MX29F002NBQI-12 MX29F002TPI- |
DIODE SCHOTTKY 15V 2X20A TO247AD DIODE SCHOTTKY 45V 2X20A TO247AD MOSFET N-CH 500V 14A TO-247AD Low Cost Precision Difet Operational Amplifier 8-SOIC 0 to 70 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 IC MOSFET DRIVER LS 4A DUAL 8DIP 256K X 8 FLASH 5V PROM, 90 ns, PQCC32 MOSFET N-CH 500V 20A TO-247AD 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDIP32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MAX718 MAX717 MAX719 MAX720 MAX721 MAX721ESE MAX72 |
Palmtop Computer and Flash Memory Power-supply Regulators EVKIT: 3.3V Palmtop Computer and Flash Memory Power Supply Regulator Palmtop Computer and Flash Memory Power- Supply Regulators PALMTOP COMPUTER AND FLASH MEMORY POWER SUPPLY REGULATORS Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO16
|
http:// Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|