PART |
Description |
Maker |
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
PVN012 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole/ Normally Open/ 0-20V/ 2.5A AC/ 4.5A DC
|
International Rectifier
|
PVG612 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole/ Normally Open/ 0-60V/ 1.0A AC/ 2.0 A DC
|
International Rectifier
|
PVN012 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
|
International Rectifier
|
OMA1601 OMA160 OMA160S OMA160STR |
Single Pole OptoMOS垄莽 Relay Single Pole OptoMOS庐 Relay Single Pole OptoMOS? Relay
|
Clare, Inc.
|
PVA33 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
|
http:// International Rectifier
|
FBR512ND12-W1 FBR522ND12-W1 FBR512ND06-W1 FBR522ND |
COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
FTR-P3CN009W1NIL FTR-P3CN012W1-01 FTR-P3CN012W1-05 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
FBR51-WR FBR51ND12-WR FBR51ND10-WR FBR51ND09-WR FU |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 35A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
|
FUJITSU LTD Fujitsu Component Limited.
|
VS-12SMK-5-UC VS-12SMK-5IM2 VS-12SMK-5SM2 VS-12SMC |
POWER RELAY 1 POLE-10A
|
Fujitsu Component Limited. http://
|
2-1440001-7 2-1440001-1 |
2 Pole Miniature Power PC Board Relay
|
Tyco Electronics
|
VE12HS-K VE-12H_MS5-K VE-12H5-K VE-12H5-K-HVVD VE- |
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
|
http:// Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|