PART |
Description |
Maker |
ATAR090-D |
2 KB ROM, 2 Timer, SSI, 12 I/O Lines, V
|
Atmel
|
ATAR080-D |
2 KB ROM, 2 Timer, SSI, 12 I/O Lines, V
|
Atmel
|
T48C510 |
4 KB Flash Memory, 2 Timer, SSI, 34 I/O Lines, V
|
Atmel
|
ST72T752J6B1 ST72752 ST72752J4 ST72752J5 ST72752J6 |
8-BIT MICROCONTROLLER 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,TIMER, SYNC, PWM/BRM, DDC/DMA & I 2 C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8位微控制器与监控多达2K光盘,每1000内存,模数转换器,定时器,同步,脉宽调制/的BRMDDC DMA
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
TMP90C801 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CPU,RAM,ROM,General Serial Interface,Timer/Event Counter(高速、先进的 CMOS 8位微控制器(芯片集成位CPU,ROM,RAM,通用串行接口,定时器/事件计数器))
|
Toshiba Corporation
|
ST7277 ST72771N4B1 ST72771N5B1 ST72771N6B1 ST72771 |
8-BIT MICROCONTROLLER (MCU) FOR MONITORS WITH 60K ROM, 2K RAM, ADC, TIMER, INFRARED, SYNC, PWM/BRM, DDC DMA, I2C, SCI QFP64 SDIP56 8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI From old datasheet system
|
SGS Thomson Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
P83C550EBAA P83C550EBPN P83C550EFAA P87C550EBAA P8 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
|