PART |
Description |
Maker |
AT76C506 |
AT76C506 single-chip MAC and Baseband with low power ARM7TDMIRISC processor, PCI Bus Interface (compliant with PCI v2.2 and PCI Power Management Specification v1.1), integrated 6K x 32-bit Internal SRAM, 160-pin CABGA Package, 3.3V opera
|
Atmel
|
AT76C502A |
11-megabit WLAN Media Access Controller MAC 11兆无线局域网媒体访问控制器的MAC AT76C502 is a single-chip Media Access Controller (MAC) that provides all processing and functionality needed for the MAC protocol of wireless LANs (focusing on, but not limited to the IEEE 802.11b standard). This PCMCIA product has been W
|
Atmel Corp. Atmel, Corp. ATMEL[ATMEL Corporation]
|
BCM4319XKUBGT |
Single-Chip IEEE 802.11?a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
|
Cypress Semiconductor
|
BCM43143KMLGT |
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
|
Cypress Semiconductor
|
LAN91C111I-NE |
10/100 Non-PCI Ethernet Single Chip MAC PHY 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP128
|
SMSC, Corp.
|
AX11025 |
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY 单芯片微控制器,带有TCP / IP0/100M自适应快速以太网MAC / PHY
|
ASIX Electronics, Corp.
|
AT76C509 |
AT76C509 single-chip WLAN MAC and Baseband with low power ARM7TDMIR RISC. Ethernet to Wireless Bridge Low-Cost Access Point
|
ATMEL Corporation
|
BCM94328 |
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单片IEEE 802.11a/b/g无线MAC /基频/收音机集成CPU
|
Broadcom, Corp.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
KSZ8841-16MQL KSZ8841-32MQL |
Single-Port Ethernet MAC Single-Port Ethernet MAC
|
Micrel Semiconductor
|