PART |
Description |
Maker |
75232-D20-T 75232 75232-P20-R 75232-P20-T 75232L-S |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors MULTIPLE RS-232 DRIVERS AND RECEIVERS
|
UNISONIC TECHNOLOGIES CO LTD 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ST75C185C ST75C185B 6730 ST75C185BN ST75C185CTR ST |
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS From old datasheet system LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMicroelectronics
|
AZ75232M-G1 AZ75232G-G1 AZ75232GSTR-E1 AZ75232GSTR |
MULTIPLE RS-232 DRIVERS AND RECEIVERS
|
Diodes BCD Semiconductor Manuf... BCD Semiconductor Manufacturing Limited
|
M5232P |
Multiple RS-232 Drivers and Receivers
|
List of Unclassifed Manufacturers
|
AZ75232M-E1 AZ75232 AZ75232G-E1 AZ75232MTR AZ75232 |
MULTIPLE RS-232 DRIVERS AND RECEIVERS
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
GS75232S |
Multiple RS-232 Drivers & Receivers
|
Electronic Theatre Controls, Inc.
|
ML145403 ML145403-6P ML145403DW ML145403P ML145403 |
Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
|
http:// LANSDALE Semiconductor Inc.
|
IN145408 IN145403 IN145404 IN145405 |
DRIVERS/RECEIVERS RS-232-E 驱动接收RS - 232
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.]
|
ADM206 ADM207 ADM208 ADM209 ADM211 ADM213 |
0.1 F, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers, 3 Receivers, a Shutdown Pin and an Enable Pin 0.1 F, 5V CMOS RS-232 200kBPS Transceiver with 5 Drivers & 3 Receivers 0.1 F, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers & 4 Receivers 0.1 F, 5V CMOS RS-232 200kBPS Transceiver with 3 Drivers, 5 Receivers & an Enable pin 0.1 F, 5V CMOS RS-232 200kBPS Transceiver with 4 Drivers, 5 Receivers, Shutdown and Enable Pins and 2 Receivers Active in Shutdown
|
Analog Devices
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
MAX251 MAX251CPD MAX251CSD MAX251EJD MAX251EPD MAX |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V Powered Isolated RS-232 Drivers/Receivers From old datasheet system 5V, Isolated, RS-232 Driver Receiver Hex schmitt-trigger inverters 14-SO 0 to 70
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|