PART |
Description |
Maker |
629105150921 |
WR-COM - MICRO USB 2.0 TYPE AB - HORIZONTAL - SMT
|
Wurth Elektronik GmbH &...
|
47589-0001 |
0.65mm (.026) Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
|
Molex Electronics Ltd.
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
2-794622-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY,R/A,SMT ( AMP )
|
Tyco Electronics
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
2SB736A |
Micro package. Complementary to 2SD780A. High DC Current Gain: hFE = 200 TYP.
|
TY Semiconductor Co., Ltd
|
2SB736 |
Micro package. Complementary to 2SD780. High DC Current Gain: hFE = 200 TYP.
|
TY Semiconductor Co., Ltd
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|
75784-0111 0757840111 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Right Key
|
Molex Electronics Ltd.
|