PART |
Description |
Maker |
APT10078BFLL_06 APT10078BFLL APT10078BFLL06 APT100 |
14 A, 1000 V, 0.78 ohm, N-CHANNEL, Si, POWER, MOSFET D3PAK-3 14 A, 1000 V, 0.78 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD TO-247, 3 PIN Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
MTB1N100E_D ON2398 MTB1N100E |
TMOS POWER FET 1.0 AMPERES 1000 VOLTS 1 A, 1000 V, 9 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MTP3N100E MTP3N100E_D ON2598 3N100E MTP3N100E-D |
TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate From old datasheet system TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
MOTOROLA[Motorola, Inc] Motorola, Inc. ON SEMICONDUCTOR
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
IXFM12N100 IXFH10N100 IXFH12N100 IXFH13N100 IXFM10 |
HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA HiPerFET Power MOSFETs 12 A, 1000 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 10 A, 1000 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs 13 A, 1000 V, 0.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
SML1001R1AN SML1001R3AN SML901R3AN SML901R1AN |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 9.5 A, 1000 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
IXGD8N100-2L |
1000 V, N-CHANNEL IGBT
|
IXYS CORP
|
FGL60N100DTU |
60 A, 1000 V, N-CHANNEL IGBT, TO-264AA
|
FAIRCHILD SEMICONDUCTOR CORP
|
MIC94031BM4 MIC94030BM4 |
1000 mA, 13.5 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SANDISK CORP
|
KAI-1020-CBA-FD-BA |
IMAGE SENSOR-CCD, 1000(H) X 1000(V) PIXEL, 500mV, SQUARE, THROUGH HOLE MOUNT
|
KODAK IMAGE SENSOR SOLUTIONS
|
APT1001R6SLL |
8 A, 1000 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET D3PAK-2
|
Microsemi, Corp.
|
|