PART |
Description |
Maker |
5962R9661201VXC |
5-Pin, Multiple-Input, Programmable Reset ICs 利率乘数
|
PHOENIX CONTACT Deutschland GmbH
|
29KJTAG |
5-Pin, Multiple-Input, Programmable Reset ICs JTAG边界扫描初始化在AMD 29K型家
|
Electronic Theatre Controls, Inc.
|
2B125-12S12 2B125-05S12 2B150-24D05 2B125-48S12 2B |
5-Pin, Multiple-Input, Programmable Reset ICs Analog IC 模拟IC
|
Microchip Technology, Inc.
|
MAX6312UK50D1-T |
5-Pin Multiple Input Programmable Reset ICs[Japanese] 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
AT43USB326 |
USB Multimedia keyboard controller with an embedded two part hub, 3 programmable end points. 16 Kbytes program ROM, 512 bytes SRAM and support for multiple 18 x 8 keyboard matrix.
|
Atmel
|
2N1551A 2N2291 2N2295 2N2288 2N2296 2N1032A 2N1031 |
68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-41 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 40V的五(巴西)总裁|5A一(c)|1
|
Central Semiconductor, Corp.
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
A newer device is available. Please consider PIC16F54. This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C55A A newer version of this device is available. Please consider PIC16C56A A newer version of this device is available. Please consider PIC16C57C This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchip¡¦s powerful PIC architecture into an 18-pin package. Easily adapted f This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ...
|
Microchip
|
MAX6310 MAX6310UK25D1-T MAX6310UK25D2-T MAX6310UK2 |
5-Pin / Multiple-Input / Programmable Reset ICs " 3-Pin, Ultra-Low-Power SC70/ SOT?P Reset Circuits" 5-Pin, Multiple-Input,Programmable Reset Ics 5-Pin Multiple-Input Programmable Reset ICs AB 1C 1#12 PIN RECP AB 8C 2#8 6#4 SKT BOX RECEP AB 2C 2#12 SKT RECP MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-10 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS AB 5C 5#16S PIN RECP Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3101; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3102A; No. of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3102A; No. of Contacts:13; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3102; No. of Contacts:14; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3102A; No. of Contacts:4; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Sealing Boot; For Use With:61 Series Pushbutton Switches RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3101; No. of Contacts:20; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight RoHS Compliant: No AB 7C 7#16 PIN RECP AB 3C 3#16 SKT CABLE RECEP AB 5C 5#16 BOX RECP SKT 200V N-Channel B-FET / Substitute of IRF620 & IRF620A; ; No of Pins: 3; Container: Rail 250V N-Channel B-FET / Substitute of IRF624 & IRF624A; ; No of Pins: 3; Container: Rail Signal Generator; Battery Size Code:9V 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 97-3101A24-2P 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 MS (MIL-C-5015)/97 SERIES 3101A CABLE RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 24 SHELL SIZE, 24-20 INSERT ARRANGEMENT, RECEPTACLE GENDER, 11 CONTACTS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 5-Pin, Multiple-Input, Programmable Reset ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 AB 9C 9#16 PIN CABLE RECEP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Analog Pocket Sized Multimeter, Features: Compact size, Measures DC voltage, AC voltage, DC current, resistance, decibels, 9 and 1.5 V battery test 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 AB 14C 14#16 SKT RECP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 AB 9C 9#16 PIN RECP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 BATT SILVER OXIDE BUTTON 1.55V 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 AB 4C 2#8,2#16 PIN RECP 5-Pin, Multiple-Input, Programmable Reset ICs
|
Maxim Integrated Produc... http:// MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|