PART |
Description |
Maker |
LC7137 LC7131 LC7136 LC7135 |
CMOS LSI PLL FREQUENCY SYNTHSIZER LSI FOR 27MHz CB TRANSCEIVERS 的CMOS大规模集成电路锁相环频率SYNTHSIZER大规模集成电路的27MHz的文件收发器 THERMISTOR, NTC, SMD; Thermistor type:NTC; Resistance:330kR; Tolerance, resistance: /-5%; Beta value:4015; Temperature, lower limit, beta value:25
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
TTC-045 TTC-060 TTC-010 TTC-050 TTC-085 TSM1A-103 |
Thermistor TSM Type Thermistor Temperature Compensation
|
TKS
|
B57620C5103J62 B57620C5103062 |
SMD NTC Thermistor with Ni-Barrier Termination
|
EPCOS
|
TSM2C103F34D3R TSM2C103F39H3R TSM2C473F39H3R TSM1C |
SMD NTC Thermistor for Temperature Sensing
|
Thinking Electronic Industrial Co.,Ltd
|
NC0805KS304KB NC0805KD104KB NC0805KE154KB NC0805KE |
SMD CHIP THERMISTOR 0805 SIZE
|
Electronic Theatre Controls, Inc.
|
6MBP50NA060-01 |
IGBT-IPM NTC Thermistor; Resistance:10000ohm; Thermistor Tolerance: /- 10%; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
AD549J 05F6971 AD549JH |
Ultralow Input Bias Current Operational Amplifier IC-ELECTROMETER AMPLIFIER 集成电路静电计放大器 THERMISTOR, PTC; Series:B598; Thermistor type:PTC; Resistance:15R; Tolerance, resistance: /-25%; Temp, op. max:125(degree C); Voltage, operating:265V; Case style:Radial; Current, tripping:0.28A; Diameter, body:11mm; Length, RoHS Compliant: Yes
|
Analog Devices, Inc. ANALOG DEVICES INC
|
01C1001FP 08M3002SPC3 |
Thermistor NTC 1KOhm 1% 2-Pin Bulk Thermistor NTC 30KOhm 2-Pin Bulk
|
Vishay Dale
|
EDI88512CA_LPA-B32 EDI88512CA_LPA-C EDI88512CA_LPA |
20ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 17ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 35ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 45ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 25ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 15ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 512Kx8 Monolithic SRAM SMD 5962-95600 512Kx8 Monolithic SRAM, SMD 5962-95600 SRAM
60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R NTC Thermistor; Series:PANR; Thermistor Type:NTC; Resistance:1kohm; Beta:3500; Package/Case:Radial; Leaded Process Compatible:Yes; Mounting Type:Through Hole; R/T Curve:M; Terminal Type:Radial Leaded RoHS Compliant: Yes 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP 静态存储器 55ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600
|
White Electronic Designs ETC[ETC] Electronic Theatre Controls, Inc.
|
CMF-SD35-10-2 CMF-SD50A-2 CMF-SD25-2 |
Ceramic PTC RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 35 ohm, SURFACE MOUNT Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 50 ohm, SURFACE MOUNT Telecom CPTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 25 ohm, SURFACE MOUNT
|
Bourns, Inc.
|
SCK13084MIA |
Thermistor
|
THINKING ELECTRONIC
|