PART |
Description |
Maker |
PIC1684 PIC16F83 |
(PIC16F8x) 18-pin Flash/EEPROM 8-Bit Microcontrollers
|
Microchip Technology
|
PIC16F8X99 PIC16F8X PIC16CR83 PIC16CR84 PIC16F83 P |
18-pin Flash/EEPROM 8-Bit Microcontrollers
|
MICROCHIP[Microchip Technology]
|
PIC16F84A-04I/SO PIC16F84A-04I/SS PIC16F84A-04I/P |
18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller 18引脚增强型闪 EEPROM位微控制
|
Microchip Technology, Inc.
|
AT49BV008A-90CC AT49BV008A-90TI AT49BV008A-90CI AT |
x8/x16 Flash EEPROM x8/x16闪存EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Atmel, Corp. Molex, Inc.
|
W49F102Q-45 W49F102P-45 |
EEPROM|FLASH|64KX16|CMOS|TSSOP|40PIN|PLASTIC EEPROM|FLASH|64KX16|CMOS|LDCC|44PIN|PLASTIC 64K X 16 FLASH 5V PROM, 45 ns, PDSO40
|
WINBOND ELECTRONICS CORP
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
AT45DB081B AT45DB081B-TC-2.5 AT45DB081B-RC-2.5 AT4 |
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash SERIAL EEPROM|FLASH|4KX264X8|CMOS|BGA|14PIN|PLASTIC SERIAL EEPROM|FLASH|4KX264X8|CMOS|SOP|28PIN|PLASTIC 1081344 X 8 FLASH 2.7V PROM, PDSO28 SERIAL EEPROM|FLASH|4KX264X8|CMOS|TSSOP|28PIN|PLASTIC 1081344 X 8 FLASH 2.7V PROM, PDSO28
|
Atmel Corp. Atmel, Corp.
|
AS29LV800T-90TI AS29LV800 AS29LV800B-120SC AS29LV8 |
3V 1M x 8/512K x 16 CMOS flash EEPROM, 120ns access time 3V 1M】8/512K】16 CMOS Flash EEPROM 3V 1M x 8/512K x 16 CMOS flash EEPROM, 90ns access time
|
ANADIGICS[ANADIGICS, Inc] Alliance Semiconductor
|
W541E201 W541E202 W541E203 W541E204 W541E205 W541E |
W541C201 w 2Kx16 Flash EEPROM version 4 BIT FLASH EPROM MICROCONTROLLER
|
Winbond Electronics
|
BM29F400T-15TC BM29F400T-90TC BM29F400T-12TC |
x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 120 ns, PDSO48
|
WINBOND ELECTRONICS CORP
|
AS29LV400 AS29LV400B-70TC AS29LV400B-70TI AS29LV40 |
3V 512K x 8/256K x 16 CMOS flash EEPROM, 700ns access time 3V 512K x 8/256K x16 CMOS Flash EEPROM
|
Alliance Semiconductor List of Unclassifed Manufacturers
|
LH28F160S3HB-L13 LH28F160S3R-L13 LH28F160S3HD-L13 |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|64PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|SDIP|64PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|SOP|56PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS |专科| 56PIN |塑料 EEPROM|FLASH|1MX16/2MX8|CMOS|TSSOP|56PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | TSSOP封装| 56PIN |塑料
|
Sharp, Corp. M.S. Kennedy, Corp.
|