PART |
Description |
Maker |
M66009FP M66009E |
From old datasheet system 8BIT I/O EXPANDER WITH 5BIT ADDRESS 8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CY8C9520 CY8C9520-24PVXI CY8C9560 CY8C9560-24AXI C |
20-, 40-, and 60-Bit I/O Expander with EEPROM a multi-port I/O expander with on-board user-available EEPROM and several PWM outputs
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
MCP23008 MCP23008-E_P MCP23008-E_SO MCP23008-E_SS |
8-bit port expander with interrupt output 2 adddress inputs for up to 4 devices on one bus 25mA sink/source capability per I/O ... 8-bit port expander with interrupt output 3 adddress inputs for up to 8 devices on one bus 25mA sink/source capability per I/O ... 8-Bit I/O Expander with Serial Interface
|
Microchip Technology
|
M62376GP |
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
|
Mitsubishi Electric Corporation
|
PT8300 |
16-Bit I/O Expander IC
|
Princeton Technology Corp
|
M66008FP M66008P M66008E M66008 |
16-BIT I/16-BIT I/O EXPANDER From old datasheet system
|
Mitsubishi Electric Semiconductor
|
PCA9674 |
Remote 8-bit I/O expander
|
NXP Semiconductors
|
MCP23008-E/ML MCP23S08-E/ML MCP23008T-E/ML MCP2300 |
8-Bit I/O Expander with Serial Interface
|
Microchip Technology
|
MCP25050-I/P MCP25050-I/SL MCP25050-E/P MCP25050-E |
Mixed-Signal Input/Output Expander. Contains up to 8 digital I/O, up to 4 10-bit A/D converters and up to 2 PWM outputs configurable ... CAN Input/Output Expander. Contains up to 8 digital I/O and up to 2 PWM ouputs configurable by the user. CAN Input/Output Expander. Contains up to 8 digital I/O, up to 2 PWM outputs, and a one-wire line driver option configurable by the user. CAN Input/Output Expander. Contains up to 8 digital I/O, up to 2 PWM outputs, and a one-wire line driver option configurable by the ... Mixed-Signal Input/Output Expander. Contains up to 8 digital I/O, up to 4 10-bit A/D converters and up to 2 PWM outputs configurable by user. Mixed Signal Input/Output Expander. Contains up to 8 digital I/O, up to 4 10-bit A/D converters, up to 2 PWM outputs and a one-wire line driver option configurable by the user. Mixed Signal Input/Output Expander. Contains up to 8 digital I/O, up to 4 10-bit A/D converters, up to 2 PWM outputs and a one-wire ...
|
Microchip
|
MCP23009 MCP23009-E_P MCP23009-E_SO MCP23009-E_SS |
8-Bit I/O Expander with Open-Drain Outputs
|
Microchip Technology
|
PCF8574 PCF8574AP PCF8574AT PCF8574P PCF8574T PCF8 |
Remote 8-bit I/O expander for I2C-bus
|
PHILIPS[Philips Semiconductors]
|