PART |
Description |
Maker |
ST303S ST303S04PFK1 ST303S04PFN1 ST303S12PFN1 ST30 |
INVERTER GRADE THYRISTORS Stud Version 晶闸管逆变器级螺栓版本 From old datasheet system 400V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1000V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1200V 471A Inverter Thyristor in a TO-209AE (TO-118) package 800V 471A Inverter Thyristor in a TO-209AE (TO-118) package
|
International Rectifier, Corp.
|
TLP350 |
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter Photocouplers - Photo-IC Output
|
Toshiba Semiconductor
|
FX004 |
Voiceband Inverter VOICE BAND INVERTER
|
CONSUMER MICROCIRCUITS LIMITED CMLMICRO[CML Microcircuits]
|
ST333C..LSERIES 2695 ST333C04LFM0 ST333C08LFM0 ST3 |
Stratix II FPGA 130K FBGA-1508 800V230A逆变晶闸管采用TO - 200AC(乙,北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1230A Inverter Thyristor in a TO-200AC (B-Puk) package 800V 1230A Inverter Thyristor in a TO-200AC (B-Puk) package
|
STMicroelectronics N.V. International Rectifier
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
74AC14 74AC14B 74AC14M 74AC14MTR 5040 74AC14TTR |
HEX SCHMITT INVERTER From old datasheet system HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
NL27WZ14DFT2 NL27WZ14DTT1 NL27WZ14 |
Dual Inverter, Schmitt Dual Schmitt-Trigger Inverter 27WZ SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
ONSEMI[ON Semiconductor]
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|