PART |
Description |
Maker |
74LVC1G38GF |
2-input NAND gate; open drain LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO6
|
NXP Semiconductors N.V.
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HEC4023BT HEC4023BT112 |
Triple 3-input NAND gate; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, TRIPLE 3-INPUT NAND GATE, PDSO14 HEF4023B; Triple 3-input NAND gate
|
NXP Semiconductors N.V. Philips
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
KK74HC03A KK74HC03AD KK74HC03AN |
Quad 2-Input NAND Gate with Open-Drain Outputs High-Performance Silicon-Gate CMOS 输入与非门与漏极开路输出高性能硅栅CMOS
|
KODENSHI, CORP. KODENSHI KOREA CORP.
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74V1T03 |
SINGLE 2-INPUT OPEN DRAIN NAND GATE
|
ST Microelectronics
|
MC5403L MC7403L MC7403P |
QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
|
Motorola, Inc
|
74V1G03CTR 74V1G03STR |
SINGLE 2-INPUT OPEN DRAIN NAND GATE
|
ST Microelectronics
|
74V2T03CTR 74V2T03STR |
DUAL 2-INPUT OPEN DRAIN NAND GATE
|
ST Microelectronics
|
74LVC2G38GD |
Dual 2-input NAND gate; open drain
|
NXP Semiconductors
|