PART |
Description |
Maker |
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5082-7750 5082-7653 5082-7651 50827656 50827650 50 |
High Efficiency Red 0.43 inch Seven Segment Display 0.43-INCH SEVEN SEGMENT DISPLAYS
|
Fairchild Semiconductor
|
HDSP-3903-EF000 HDSP-3906-EF000 HDSP-8606-EF000 HD |
20 mm (0.8 inch) Seven Segment Displays 20 mm (0.8 inch) Overflow Character Displays 20 mm (0.8 inch) Overflow Character Displays 20毫米.8英寸)溢出字符显 20 mm (0.8 inch) Seven Segment Displays 20毫米.8英寸),七段显示 7 SEG NUMERIC DISPLAY, GREEN, 20 mm
|
Black Box, Corp. Avago Technologies, Ltd. AGILENT TECHNOLOGIES INC
|
HDSP-815E HDSP-815G HDSP-815G-00000 HDSP-816G-0000 |
HDSP-816G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-816E · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815E · 20 mm (0.8 inch) General Purpose Seven Segment Displays
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HP5082-761X |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
|
AGILENT
|
HDSP-U213- HDSP-U413- 5082-U103-00000 HDSP-U301 HD |
HDSP-U413 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U411 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U403 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U401 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U313 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U311 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U213 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U211 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U203 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U201 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U113-FG000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U113 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U111 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U103 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U101 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U213-CD000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U211-CD000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U203-CD000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U513-KL000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U513 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U511-KL000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U511 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U503-KL000 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U503 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U501 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U301 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display HDSP-U303 · 8 mm (0.31 inch) Ultra Mini Seven Segment Display Dual Differential Drivers And Receivers 16-TSSOP 0 to 70 Triple Low-Power Drivers And Receivers 16-SOIC 0 to 70 Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:24; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyethylene; Number of Pairs:12; Impedance:50ohm; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Dual Differential Drivers And Receivers 16-PDIP 0 to 70 Dual Differential Drivers And Receivers 16-SO 0 to 70 Dual Differential Drivers And Receivers 16-SSOP 0 to 70 Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:50ohm; Voltage Nom.:30V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:24; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyethylene; Number of Pairs:12; Impedance:50ohm; Leaded Process Compatible:No RoHS Compliant: Yes Low capacitance computer cables, RS232, RS423; Conductor Size AWG:28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:3; Approval Bodies:UL; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Multiple Conductor Wire; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Approval Categories:UL NEC/CUL,CEC; Jacket Material:Polypropylene; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 8 mm (0.31 inch) Ultra Mini Seven Segment Displays 8毫米0.31英寸)超小型七段显示
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Aimtron Technology Corp.
|
HDSP-5503 HDSP-H158 HDSP-5301 HDSP-5303 HDSP-5307 |
14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
ND56G4 ND56G4A ND56G4C |
56 inch SEVEN-SEGMENT DISPLAY
|
ETC List of Unclassifed Manufacturers
|