PART |
Description |
Maker |
39-00-0038 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, TIN OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
FTR-C210 FTR-C2CB012G FTR-C2GA012G FTR-C2GB012G FT |
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap POWER/SIGNAL RELAY, DPDT, LATCHED, 0.03A (COIL), 5VDC (COIL), 150mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
RIF-0-RSC-12DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
MC14490L MC14490 ON0886 |
Hex Contact Bounce Eliminator ORDERING INFORMATION From old datasheet system
|
Motorola, Inc ON Semi
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
BOT-3D-110/120VDC BOT-6A-48VAC BOT-3A-48VAC BOT-3D |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.024A (COIL), 120VDC (COIL), 2880mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.171A (COIL), 12VDC (COIL), 2052mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.115A (COIL), 26.5VDC (COIL), 3047.5mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.75A (COIL), 3VDC (COIL), 2250mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. ALLIED CONTROLS INC
|
BTB16-600BRG BTB16-600BW BTB16-600BWRG BTB16-600C |
16A TRIACS ROTARY LEVER, SQUARE; Approval Bodies:BEAB, CSA, VDE, UL; Colour:Black; Current, contact @ contact voltage AC max:6A; Depth, external:42mm; IP rating:IP65; Length / Height, external:18mm; Material, contact:Silver; Operations, RoHS Compliant: Yes 16 A Triac
|
??????浣? ST Microelectronics STMicroelectronics 意法半导
|
HLMP-C027-P0000 HLMP-C608-R00DD HLMP-C025-P0002 HL |
0.5mm contact spacing, 1.0mm height, Top contact, Back flip FPC/FFC connectors; HRS No: 580-1225-5 50; Contact Mating Area Plating: Gold T-1 3/4 (5 mm) AlInGaP Lamp 的T 1 3 / 45毫米)的AlInGaP T-13/4 (5mm) AlInGaP Lamp 的T 13 / 4mm)的铝铟镓磷化物
|
Taiwan Semiconductor Co., Ltd. Avago Technologies, Ltd.
|
FTR-LYAA005ENIL FTR-LYAA006VSK FTR-LYAA005VSK FTR- |
POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.034A (COIL), 5VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 24VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.028A (COIL), 6VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.019A (COIL), 9VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.004A (COIL), 48VDC (COIL), 217mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.003A (COIL), 60VDC (COIL), 175mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU Component., Ltd. Fujitsu Component Limit... FUJITSU COMPONENT LTD
|
|