PART |
Description |
Maker |
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
NSR01L30NXT5G10 NSR01L30 |
30 V, 100 mA, Low IR Schottky Diode, DSN2 (0201) Schottky Barrier Diode
|
ON Semiconductor
|
SS110 SS12 SS14 SS13 SS15 SS19 SS18 SS16 |
1 A, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
|
SURGE[Surge Components]
|
Q62702-A1234 |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS[Siemens Semiconductor Group]
|
STPS15H100C_06 STPS15H100C STPS15H100CB STPS15H100 |
7.5 A, 100 V, SILICON, RECTIFIER DIODE High voltage power Schottky rectifier
|
STMICROELECTRONICS[STMicroelectronics]
|
B1100LB-13-F |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc.
|
1N6791 MSASC100W45HR MSASC100W45H |
SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE 100 A, 45 V, SILICON, RECTIFIER DIODE Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
VTS40100CT TS40100CT |
20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB Dual High-Voltage Trench MOS Barrier Schottky Rectifier
|
VISHAY SEMICONDUCTORS Vishay Siliconix
|
SSR4010CTNA SSR4010CTPA SSR4010DNU SSR4010DNA SSR4 |
40 A, 100 V, SILICON, RECTIFIER DIODE, TO-258AA 40 AMP, 100 VOLTS SCHOTTKY RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-259
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
EA20QS10 |
Schottky Barrier Diode 1.7 A, 100 V, SILICON, RECTIFIER DIODE, TO-251AA
|
Nihon Inter Electronics, Corp.
|