PART |
Description |
Maker |
ATA5278-PKQI ATA527807 |
Stand-alone Antenna Driver
|
ATMEL Corporation
|
256713 92110 256709 256708 256710 |
FLOOR STAND-BLANK FLOOR STAND-SLIPP.WHEN WET 308ksps ADC with DSP Interface and 78dB SINAD 经济FL.STAND - 2双面 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 落地支架,闲人免 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 经济FL.STAND - 2双面
|
Maxim Integrated Products, Inc. Molex, Inc.
|
HT150RS HT450RB MD821RC MX800RC SFU821RC MX150RS |
450 MHz - 470 MHz MOBILE STATION ANTENNA 821 MHz - 896 MHz MOBILE STATION ANTENNA 806 MHz - 866 MHz MOBILE STATION ANTENNA 150 MHz - 162 MHz MOBILE STATION ANTENNA
|
|
SPHL22136 SPHL22140 SPHL22144 SPHL22156 SPWH24918 |
HELIX ANTENNA MOBILE STATION ANTENNA
|
RADIALL S A
|
ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST32 |
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY Stratix FPGA 10K FBGA-672
|
STMicroelectronics ST Microelectronics
|
MCP2510-/P MCP2510-/SO MCP2510-/ST MCP2510T-/SO MC |
Stand-Alone CAN Controller with SPIInterface Stand-Alone CAN Controller with SPI Interface Stand-Alone CAN Controller with SPI?/a> Interface 1 CHANNEL(S), 1M bps, LOCAL AREA NETWORK CONTROLLER, PDSO18 0.300 INCH, PLASTIC, SOIC-18 1 CHANNEL(S), 1M bps, LOCAL AREA NETWORK CONTROLLER, PDSO20
|
Microchip Technology Inc. Microchip Technology, Inc.
|
DS-GPSMG-2 |
A compact Antenna for GPS applications where high performance is required from a small size. The antenna includes a Low Noise Amplifier and incorporates both magnetic mount and screw fixings.
|
rfsolutions.ltd
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
SAE81C90 SAE81C91 SAE81C91N SAE81C90N |
Stand Alone Full CAN Controller Stand-alone CAN - Standalone full CAN controller
|
Infineon
|
ANPC-171G ANPC-176G ANPC-174G ANPC-175G ANPC-172G |
Transformer, CCFL, SMT, RoHS 2400 MHz - 2500 MHz ANTENNA-OTHER, 7 dBi GAIN, 70 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 7 dBi GAIN, 70 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 7 dBi GAIN, 70 deg 3dB BEAMWIDTH Picocell Antennas 微微蜂窝天线
|
M/A-COM Technology Solutions, Inc. Method Electronics, Inc. 3M Company 霍尼韦尔 FIBOX Advanced Interconnections, Corp.
|
KCA KCA-C-0430J KCA-B-0490J KCA-B-0345J KCA-C-0300 |
Keylock CILINDER ANTENNA Keylock cylinder antenna
|
PREMO CORPORATION S.L
|
ANPC-185 |
Frequency 1575.42 MHz, GPS antenna for automotive aftermarket application GPS Antenna for Automotive Aftermarket Applications
|
MA-Com MACOM[Tyco Electronics]
|