PART |
Description |
Maker |
ELM446 |
50Hz Generator
|
ELM
|
P8E2R4VA-28 P8E2R4VA-20 P8E2R4VA-56 P8E2R4VA-36 P8 |
2.4VA 50Hz/60Hz LINE TRANSFORMER
|
MPS Industries, Inc.
|
CA3079 CA3059 |
Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
|
Intersil Corporation
|
EV4034-S-00C |
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
|
Monolithic Power System...
|
EV020-5-S-00B |
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
|
Monolithic Power System...
|
EV4033-K-00A |
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
|
Monolithic Power System...
|
EV4088-S-00A |
198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
|
Monolithic Power System...
|
MAX2721 MAX2720 MAX2720-MAX2721 MAX2720EUP MAX2721 |
1.7GHz to 2.5GHz, Direct I/Q Modulator with VGA and PA Driver Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 1700 MHz - 2100 MHz RF/MICROWAVE UP CONVERTER, -6 dBm OUTPUT POWER-MAX Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 2100 MHz - 2500 MHz RF/MICROWAVE UP CONVERTER, -2.5 dBm OUTPUT POWER-MAX
|
Maxim Integrated Products, Inc.
|
MGFS45V2527 |
2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET 2.5 - 2.7GHz频带功率30W国内MATCHD砷化镓场效应 2.5-2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
BFG135 |
NPN 7GHz wideband transistor
|
Philips Semiconductors
|