PART |
Description |
Maker |
162-10-628-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
162-10-430-00-180000 162-90-430-00-180000 162-40-4 |
DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
|
Mill-Max Mfg. Corp.
|
317-93-121-41-005000 317-47-108-41-005000 |
SERIES 117, 127, 217, 227, 317, 327 ?SHRINK DI,P SOLDER TAIL & WRAPOST
|
Mill-Max Mfg. Corp.
|
350-10-101-00-001000 350-10-164-00-001000 350-90-1 |
HEADER STRIPS .100隆卤 Grid Solder Tail Single Row HEADER STRIPS .100 Grid Solder Tail Single Row
|
Mill-Max Mfg. Corp.
|
961102-5604-AR |
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
|
3M Electronics
|
1720420202 |
Super Sabre Vertical Header, 2 Circuit, Short Solder Tail with Board Lock
|
Molex Electronics Ltd.
|
1720420205 |
Super Sabre Vertical Header, 2 Circuit, Long Solder Tail without Board Lock
|
Molex Electronics Ltd.
|
0739422200 73942-2200 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits 2.00mm (.079") Pitch HDM垄莽 Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits
|
Molex Electronics Ltd.
|
M30-4101346 |
1.25mm Pitch SIL Horizontal PC Tail Blade Header, tin, 13-way 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|