PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
MN1500 |
High Speed / High Performance 4 Bit Single Chip Microcomputers
|
Matsushita
|
MSM6434 |
High Speed 4-Bit Single Chip Microcontroller
|
OKI Semiconductor
|
MB88501 MB88501H MB88503H MB88505H |
HIGH-SPEED CMOS SINGLE CHIP 4-BIT MICROCOMPUTER
|
Fujitsu Microelectronics Fujitsu Media Devices Limited
|
MB88505H MB88503H MB88501H |
HIGH-SPEED CMOS SINGLE CHIP 4-BIT MICROCOMPUTER
|
Fujitsu Component Limited.
|
LC5851 LC5851N |
Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
|
SANYO[Sanyo Semicon Device]
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
LPC2144FBD64 LPC2148FBD64 LPC2141 LPC2141FBD64 LPC |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
NXP Semiconductors
|
LC5852N |
Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications(应用于中等速率中小规模控制位微控制器(带片上LCD驱动器))
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|