PART |
Description |
Maker |
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
LM75A LM75AD LM75AD.112 LM75AD112 |
Digital temperature sensor and thermal watchdog DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Digital temperature sensor and thermal watchdog
|
NXP Semiconductors
|
EMC1063-1-ACZL-TR EMC1063-2-ACZL-TR EMC1063-4-ACZL |
1C Triple Temperature Sensor with Hotter of Two Zones 集成电路温度传感器的三双区域Hotter 1C Triple Temperature Sensor with Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
FM75 FM75MM8X FM75M8 FM75M8X FM75MM8 |
Low-Voltage Digital I2C compatible Temp Sensor fro LM75 applications Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
|
Fairchild Semiconductor Corporation
|
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
AD7415-0 EVAL-AD7414/15EB AD7414-0 AD7414ART-2REEL |
±0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 Programmable Indicator "soft" LED blinker with TinyWire Single Wire Interface; 5-SC-70; Tape and Reel DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
ADT7420 ADT7420UCPZ ADT7420UCPZ-R2 ADT7420UCPZ-RL7 |
±0.25°C Accurate, 16-Bit Digital I2C Temperature Sensor 隆戮0.25隆?C Accurate, 16-Bit Digital I2C Temperature Sensor
|
Analog Devices
|
AD7416AR-REEL7 |
Temperature Sensor: Temperature to Digital Converter I
|
Analog Devices
|
AS6200C |
Digital Temperature Sensor
|
ams AG
|
AT30TS75-14 |
Digital Temperature Sensor
|
ATMEL Corporation
|
MAX7504MSA MAX7504MUA MAX7503MSA |
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Products, Inc.
|
MAX6629MTT MAX6630MTT MAX6631MTT MAX6632MTT MAX663 |
12-Bit Sign Digital Temperature Sensors with Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 3.20Cel, SQUARE, SURFACE MOUNT 12-Bit Sign Digital Temperature Sensors with Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 3.20Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|