PART |
Description |
Maker |
CY62138EV30 CY62138EV30LL |
2 Mbit (256K x 8) MoBL Static RAM
|
Cypress Semiconductor
|
CY62147DV30 CY62147DV30LL-70ZSXI CY62147DV30L CY62 |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
CY62157DV3010 |
8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
CY62157DV30 CY62157DV30LL-70ZXI CY62157DV30L CY621 |
8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 8兆位(为512k × 16)的MoBL静态RAM 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PDSO44 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-39 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-39 Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Matte Black RoHS Compliant: Yes Coaxial Cable; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes Quadruple 2-Input Positive-OR Gate 14-TSSOP -40 to 85 8-Mbit (512K x 16) MoBL(R) Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1041D-12ZSXE |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
CY7C1006D CY7C1006D-10VXI CY7C106D-10VXI |
1-Mbit (256K x 4) Static RAM
|
Cypress Semiconductor
|
CY7C1010DV33-10VXI CY7C1010DV3308 |
2-Mbit (256K x 8) Static RAM
|
Cypress Semiconductor
|
CY62146E08 |
4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor
|