PART |
Description |
Maker |
AT25HP512 |
256/512K-bit, SPI Bus Serial EEPROM, High-speed, Page-write Only, SPI Mode 0 and 3
|
Atmel
|
AT25HP256 |
256/512K-bit, SPI Bus Serial EEPROM, High-speed, Page-write Only, SPI Mode 0 and 3 From old datasheet system
|
Atmel Corp
|
CAT25010GYI-1.8TE13REV-C CAT25010GYI-1.8TE13REV-B |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Yageo, Corp. ON Semiconductor
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
BR93L66RFVM-WTR CAT28C64BGI-12T CAT25C32Y14I CAT25 |
EEPROM SRL 256X16 BIT The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS EEPROM (4kx8) 32K 2.5-6.0 EEPROM (4kx8) 32K 1.8-6.0 EEPROM (1024x8) 8K EEPROM 256K X 8 200ns EEPROM I2C BUS; 4.5 to 5.5V 16Kbit; -40 to 85 C EEPROM (256x8) 2K 1.8-6.0 EEPROM (512x8) 4k 1.8-6.0 EEPROM 128K X 8 150ns EEPROM (8kx8) 64K 1.8-6.0 EEPROM (2048x8)(1024x16)16K EEPROM U 804-29EE0107CWH EEPROM 64K X 8 70ns EEPROM (256x8) 2K 2.5-6.0 EEPROM (8kx8) 64K 2.5-6.0 SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, SOIC SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, TSSOP EEPROM (384x8) 128k 16 EEPROM SPI 1KBIT EEPROM SPI 4096X8 BIT EEPROM SRL 64X16 BIT EEPROM (256x8) (128x16) 2K 8-Kb I<sup>2</sup>C CMOS Serial EEPROM, SOIC EEPROM (128x8) 1k 2.5-6.0 EEPROM (8kx8) 64K 5V 90ns EEPROM (32kx8) 256K 5V 150 EEPROM (32kx8) 256K 5V 120 EEPROM 2kb 1.7-5.5V Ind I2C EEPROM 512K-Bit CMOS PARA EEPROM EEPROM (32kx8) 256K 3V 250 EEPROM 64K X 8 512K 5V 150 EEPROM 256K (32KX8)
|
Omron Electronics, LLC Atmel, Corp. MITSUMI ELECTRIC CO., LTD. Intersil, Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc. BCD Semiconductor Manufacturing, Ltd. Belden, Inc. Rohm Co., Ltd. Bourns, Inc. NXP Semiconductors N.V. Lattice Semiconductor, Corp. Rectron Semiconductor SIEMENS AG Maxim Integrated Products, Inc. Rochester Electronics, LLC RF Solutions, Ltd. Fujitsu, Ltd.
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
ST95020WB6TR |
256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
STMICROELECTRONICS
|
ST95P08M6TR ST95P02 ST95P08B1TR ST95P08B6TR ST95P0 |
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AT25010A AT25020A-10PU-1.8 |
SPI Serial EEPROM 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Atmel, Corp. http://
|
M95128 M95256-WMN6_A M95256-WMN6_V M95256-RMN6_A M |
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256 Kbit Serial SPI bus EEPROM with high speed clock
|
STMICROELECTRONICS[STMicroelectronics]
|
AT25FS040Y4-YH-2.7 |
512K X 8 SPI BUS SERIAL EEPROM, DSO8 6 X 4.90 MM, LEAD FREE, SAP-8
|
Atmel, Corp. ATMEL CORP
|
|