PART |
Description |
Maker |
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SD2163 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED HIGH-CURRENT SWITCHING
|
NEC
|
BUV20D BUV20 BUV60 BUV20-D |
Power 50A 125V NPN TO204 SWITCHMODE Series NPN Silicon Power Transistor SWITCHMODE Series NPN Silicon Power Transistor SITCHMODE Series NPN Silicon Power Transistor
|
ONSEMI[ON Semiconductor]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
2SD1000 2SD1000-T1 2SD1000-T2 2SD1000-AZ |
700 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
NEC[NEC]
|
TIP140 TIP141 TIP142 TIP147 TIP146 TIP145 -TIP142 |
10 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-218 COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS PNP Epitaxial Silicon Darlington Transistor
|
http:// STMICROELECTRONICS[STMicroelectronics] Fairchild Semiconductor
|
2SC2333 2SC2333K |
PNP SILICON POWER TRANSISTOR(switching regulator/DC-DC converter and ultrasonic appliance) TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220AB PNP SILICON POWER TRANSISTOR(switching regulator,DC-DC converter and ultrasonic appliance) NPN Silicon Power Transistor
|
NEC Corp. NEC[NEC]
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
CEN-U10 |
NPN SILICON POWER TRANSISTOR 0.5 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|