PART |
Description |
Maker |
1N828-1-1 1N822-2 1N829ATR 1N829ATR-1 1N829ATR-1-1 |
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA 0TC Reference Voltage Zener 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ |
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 8K X 8 EEPROM 5V, 120 ns, PDSO28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-PDIP 8K X 8 EEPROM 5V, 90 ns, PDIP28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC 8K X 8 EEPROM 5V, 70 ns, PDSO28
|
Intersil Corporation http:// Intersil, Corp.
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
1N941A 1N941B 1N942B 1N944B 1N944A |
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
Digitron Semiconductors
|
1N4767A 1N4771A 1N4770 1N4772A 1N4770A 1N4774 |
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
S25FL116K0XNFI013 S25FL116K0XNFI020 S25FL116K0XNFI |
16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature 16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
|
SPANSION
|
AT45DB041B-SC-2.5 AT45DB041B-TC-2.5 AT45DB041B-TI |
MOSFET N-CH 200V 105A ISOPLUS247 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO28 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. ATMEL Corporation Atmel, Corp.
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
1N946B 1N946A 1N943B 1N943A 1N943 1N942B 1N942A 1N |
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
MICROSEMI[Microsemi Corporation]
|
AM29LV800B-1 AM29LV800BB-120DG5C AM29LV800BB-120DG |
8 megabit CMOS 3.0 volt-only, boot sector flash memory- die revision 1 LED Lamp; LED Color:White; Luminous Intensity:160ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.6V; Operating Temperature Range:-30 C to C; Color:White; Leaded Process Compatible:Yes; Lens Color:Clear RoHS Compliant: Yes LED Lamp; LED Color:Red; Luminous Intensity:9ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Red; Luminous Intensity:40ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Yellow; Luminous Intensity:80mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Toggle Switch; Circuitry:SPST; Switch Operation:On-None-On; Contact Current Max:15A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash MemoryDie Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 8 megabit CMOS 3.0 volt-only boot sector flash memory- die revision 1
|
http:// Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
|