PART |
Description |
Maker |
OM100Q05CB OM100Q80XX OM100Q05DB OM100Q05RB OM100Q |
50 A, SILICON, RECTIFIER DIODE 600V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 300V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 700V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 500V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 400V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 200V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 150V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 800V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
|
International Rectifier ETC[ETC] N.A. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
HFA80NC40CSL |
400V 80A HEXFRED Common Cathode Diode in a D61-8-SL package 400V 80A条HEXFRED二极共阴极二极管- 8 - sl的封装,D61
|
Silonex, Inc. International Rectifier
|
CMPSH05-4C |
SMD Schottky Diode Dual: Common Cathode SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
HFA80NC40C |
400V 80A HEXFRED Common Cathode Diode in a D61-8 package
|
International Rectifier
|
30CPU04 30CPU04PBF |
400V 30A Ultra-Fast Common Cathode Diode in a TO-247AC package Ultrafast Rectifier
|
IRF[International Rectifier] http://
|
NTE3056 NTE3057 NTE3058 NTE3060 NTE3059 |
0.3 Single Digit Numeric Display / Seven Segment / Common Cathode 0.3?/a> Single Digit Numeric Display, Seven Segment, Common Cathode 0.3 Single Digit Numeric Display Seven Segment Common Cathode 0.3” Single Digit Numeric Display, Seven Segment, Common Cathode 0.3 Single Digit Numeric Display, Seven Segment, Common Cathode 0.3单位数字显示,七段,共阴 0.3Single Digit Numeric Display, Seven Segment, Common Cathode 0.3“单数字的显示,七段,共阴极 7 SEG NUMERIC DISPLAY, RED, 7.62 mm 0.3??Single Digit Numeric Display, Seven Segment, Common Cathode
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
1N5711QCSM |
DUAL COMMON CATHODE
|
Seme LAB
|
MBRB3045CT-E3_45 MBRB3045CT-E3_81 MBRB3045CTHE3_45 |
Dual Common-Cathode Schottky Rectifier
|
Vishay Siliconix
|
MBRS1050CT |
Dual Common Cathode Schottky Rectifier
|
Taiwan Semiconductor Co...
|
MBRF20150CT-Y MBRF20200T-Y |
Dual Common Cathode Schottky Rectifier
|
Taiwan Semiconductor Co...
|