PART |
Description |
Maker |
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
AL2616-9 |
ALUMINUM ENCLOSURE AL 2616-9
|
Altech corporation
|
AL2212-8 |
ALUMINUM ENCLOSURE AL 2212-8
|
Altech corporation
|
1007E13 1005E13 |
30 mm Aluminum Gravity Die Cast Enclosure 1005E13 and 1007E13
|
Altech corporation
|
2005G13 |
22 mm Aluminum Enclosure Gravity Die Cast 2005G13 and 2009G13
|
Altech corporation
|
VTB2-2A0 VTB2-2A1 VTB2-2B0 VTB2-4B1 VTB2-2B1 VTB2- |
Miniature TCXOs BOX 4.94X2.75X1.275 9V W/CLP ALMOND H-Series Enclosure; Enclosure Material:Plastic; External Height:0.94"; External Width:2.75"; External Depth:4.94"; Enclosure Color:Almond RoHS Compliant: Yes 微型TCXO
|
Electronic Theatre Controls, Inc.
|
LUCL9310AP-D LUCL9310GP-D LUCL9310GP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes
|
http://
|
LUCL8560AAU-DT LUCL8560AP-D LUCL8560FAU-D LUCL8560 |
Low-Power SLIC with Ringing TELECOM-SLIC, PQCC32 GT 5C 2#0 3#12 SKT RECP WALL 低功耗振铃用户接 Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes GT 3C 3#0 SKT RECP WALL RM
|
ZARLINK SEMICONDUCTOR INC Samsung Semiconductor Co., Ltd. Agere Systems
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
UFG1H682MDM UFG1E102MDM UFG1E102MEM UFG2A103MHM UF |
85 V, 80 A TSPD N-Ch MOSFET 60V, 4.5mOhm 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 Dual Unbuffered Inverter 双无缓冲逆变
|
Nichicon Corporation Nichicon, Corp.
|