PART |
Description |
Maker |
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
CN084-680-1232-1010-0 CN084-340-1200-1000-0 CN084- |
MCH Plug - (MicroTCA Carrier Hub)
|
Yamaichi Electronics Co., Ltd.
|
10070158-00219XLF |
DUAL PCB CONNECTOR-48V MicroTCA-MALE PIP- version
|
FCI connector
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
262650 262647 259500 262656 262657 262643 259501 2 |
Evaluation Kit for the MAX1970, MAX1971, MAX1972 MAX19710MAX19713 Evaluation Kits/Evaluation Systems 1%-Accurate, Digitally Trimmed, Rail-to-Rail Sensor Signal Conditioner SIGN-PICTO OF PADL.&CHAIN 10-Bit, 22Msps, Full-Duplex, Analog Front-End 标志,保持防火门锁模
|
Maxim Integrated Products, Inc.
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
VSC7650 VSC7651 VSC7640 |
4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
|
Vitesse Semiconductor Corporation
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
MAX1586AEVSYS MAX1586AEVKIT |
Evaluation System/Evaluation Kit for the MAX1586A MAX1586A评估评估系统
|
Maxim Integrated Products, Inc.
|