PART |
Description |
Maker |
TC1427 TC1426 TC1428 |
(TC1426 - TC1428) 1.2A Dual High-Speed MOSFET Drivers
|
Microchip Technology
|
TC1427COA713 |
The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency
|
MICROCHIP
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
A3966SA A3966SLB A3966 3966 |
DUAL FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING DUAL-DUAL SERIES 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL 双全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
SG29125A SG29125 SG29125AP SG29125P |
LOW DROPOUT DUAL REGULATOR 低压差型双调节器 LOW DROPOUT DUAL REGULATOR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSFM5 From old datasheet system Low Drop Out Regulator - Dual
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. Microsemi Corporation
|
74AVCH2T45GS |
Dual-bit, dual-supply voltage level translator-transceiver; 3-state AVC SERIES, DUAL 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
IDT70P24L25BYI IDT70P25L25BF IDT70P25L25BFI IDT70P |
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM 4K X 16 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
AD9248BCPZRL7-20 AD9248BCPZRL7-40 AD9248BCPZRL7-65 |
14-Bit, 20/40/65 MSPS Dual A/ D Converter DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 14-Bit, 20/40/65 MSPS Dual A/ D Converter 14位,20/40/65 MSPS双通道的A / D转换 14-Bit/ 20/40/65 MSPS Dual A/ D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|