PART |
Description |
Maker |
SXX10D SXX10L SXX10DS2 SXX10DS3 SXX10LS2 SXX10LS3 |
Excellent unidirectional switches for phase control and general switching
|
Littelfuse
|
SXX06XSX |
Excellent unidirectional switches for phase
|
Littelfuse
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
SZN5114BTXV SZN5114C SZN5114BS SZN5114CSMS SZN5114 |
360 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 240 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 260 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 270 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 51 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 330 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SOLID STATE DEVICES INC
|
SZ5B6.2SMSS SZ5A4.3S A6SMSS SZ5B110SMSS SZ5B3.6SMS |
6.2 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS, SMS, 2 PIN 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 110 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.6 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 140 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
PIP206 PIP24 PIP250 PIP120 PIP8.4 PHP120 PHP24 PHP |
7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor, Unidirectional
|
SENSITRON SEMICONDUCTOR SENSITRON[Sensitron] http://
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
STM8057 STM8057R |
120000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
STA15K91P STA15K100P STA15K10P STA15K11P STA15K12P |
15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SOLID STATE DEVICES INC Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
1N5353B-TP 1N5347B-TP 1N5348B-TP 1N5368B-TP 1N5343 |
DIODE ZENER 5W 16V DO-15 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 10V DO-15 10 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 11V DO-15 11 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 47V DO-15 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 7.5V DO-15 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 8.7V DO-15 8.7 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 6.0V DO-15 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 36V DO-15 36 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 28V DO-15 28 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15 DIODE ZENER 5W 17V DO-15 17 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15
|
Micro Commercial Components, Corp.
|
|