PART |
Description |
Maker |
SRBE |
Encoder and Push Operation Type Switch
|
ALPS ELECTRIC
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
2SC9013 C9013 |
Transistors 1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
|
Electronic Theatre Controls, Inc. ETC[ETC] USHA List of Unclassifed Manufacturers
|
G8551 |
The G8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
|
E-Tech Electronics LTD
|
SS8050_04 SS8050 SS8050BBU SS8050CBU SS8050CTA SS8 |
NPN Epitaxial Silicon Transistor 2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
|
FAIRCHILD[Fairchild Semiconductor]
|
FLL600IQ-2 |
PUSH-PULL CONFIGURATION, BROAD FREQUENCY RANGE: 800 TO 2000 MHZ, SUITABLE FOR CLASS AB OPERATION
|
Fujitsu Component Limited.
|
SS8550 SS8550B SS8550C SS8550D SS8550BBU |
PNP Epitaxial Silicon Transistor 2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
|
FAIRCHILD[Fairchild Semiconductor]
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|
SS9013E SS9013G SS9013H |
1W Output Amplifier of Potable Radios in Class B Push-pull Operation. 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
EVQ-WKA001 EVQWK EVQWKA |
Edge Drive Jog Encoders Edge Drive Jog Encoders Tactile rotary operation and push operation
|
Panasonic Semiconductor
|
EN12 EN12-VS10AF20 EN12-VS11AF20 EN12-VS12AF20 EN1 |
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
|
BI Technologies Corporation
|