PART |
Description |
Maker |
SLLB |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC
|
SRBE110300 |
Encoder and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
SSAF220100 |
Slide Operation Type Stick Switch with 8-contact and Center-push Function
|
ALPS ELECTRIC CO.,LTD.
|
FMS006Z-2000-0 FMS006Z-2001-1 |
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
|
Yamaichi Electronics Co., Ltd.
|
FPS009-2960-0 |
SD Card and MMC Reader - Push / Push (Reversed Type)
|
Yamaichi Electronics Co., Ltd.
|
502570-0893 SD-502570-002 SD-502570-001 5025700893 |
1.10mm (.043) Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
|
Molex Electronics Ltd.
|
0473340001 |
1.10mm (.043") Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead Free
|
Molex Electronics Ltd.
|
LSM315 30BQ015 |
Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug/Quick Connect; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes From old datasheet system 3 AMP SCHOTTKY ORING RECTIFIER Schottky Rectifier
|
MICROSEMI[Microsemi Corporation]
|
M28C256-15NS1T M28C256-15WBS1T M28C256-15BS1T M282 |
Connector assemblies, Network cables; Drop Ship:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Locking Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection 256千位(的32KB × 8)与软件数据保护并行的EEPROM Octal Buffers/Drivers With 3-State Outputs 20-PDIP 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection 256千位2KB的EEPROM与x8并行软件数据保护 Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM
|
意法半导 STMicroelectronics N.V.
|
MMBT9013 |
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
|
Unisonic Technologies
|
2SA9012 |
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
|
List of Unclassifed Manufacturers ETC[ETC] USHA India LTD
|
47322-0323 0473220323 |
1.00mm (.039) Pitch ExpressCard Ejector, Bottom Mount, Push-Push Type, for 34.00mm (1.34) Header
|
Molex Electronics Ltd.
|