PART |
Description |
Maker |
CNY117 |
Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
|
VISAY[Vishay Siliconix]
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
ADIS16305 ADIS16305_PCBZ ADIS16305AMLZ ADIS16305/P |
Precision Four Degrees of Freedom Sensor
|
Analog Devices
|
ADIS16385 ADIS16385_PCBZ ADIS16385BMLZ ADIS16385/P |
Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
ADIS16364 ADIS16364_PCBZ ADIS16364BMLZ ADIS16364/P |
Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
ADIS16485 |
Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
HS2264 HS2155 HS2153 HS2265 HS2160 HS2154 HS2261 H |
Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 30; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Contact Mating Area Plating: Gold; Operating Temperature Range (degrees C Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Peripheral IC 外围芯片
|
Thomas
|
ADIS16445 ADIS16445AMLZ ADIS16445/PCBZ |
Compact, Precision Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
3RF2310-1AA04 |
SEMICOND. CONTACTOR 3RF2, 1-PH. AC 51 10 A 40 DEGREES C 48-460 V / 24 V DC SCREW TERMINAL
|
Siemens Semiconductor G...
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|