PART |
Description |
Maker |
NCP1398B13 |
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
|
ON Semiconductor
|
NCP1398B NCP1398BDR2G NCP1398C NCP1398CDR2G |
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
|
ON Semiconductor
|
MC68349 MC68349V |
HIGH PERFORMANCE INTEGRATED PROCESSOR
|
Motorola, Inc
|
SIC778A SIC778DB SIC778ACD-T1-GE3 |
High Performance DrMOS ?Integrated Power Stage
|
Vishay Siliconix
|
EM3587-RTR EM3581 EM3581-RTR EM3582-RTR EM3586-RTR |
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
|
Silicon Laboratories
|
OXCB950 |
From old datasheet system Integrated High Performance UART Cardbus / PCI interface
|
ETC[ETC]
|
OX16PCI952-TQAG OX16PCI952-TQC60-A OX16PCI95205 OX |
Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
|
OXFORD[Oxford Semiconductor]
|
IP4085CX4 |
(IP4085CX4 - IP4387CX4) Integrated high-performance ESD-protection diodes to IEC61000-4-2
|
NXP Semiconductors
|
IRMCT3UF1 IRMCT3UF1AH IRMCT3UF1AP IRMCT3UF1H IRMCT |
Complete Integrated High Performance Sensorless Speed Control in a Compact, Ruggedized Package
|
International Rectifier
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
|