PART |
Description |
Maker |
BA3131FS BA3131 |
Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2) ER 14C 14#16 PIN PLUG Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2) Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer
|
Rohm CO.,LTD. ROHM[Rohm]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
K4S64323LF-DN15 K4S64323LF-DN15-PB K4S64323LF-DN1H |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 0 to 70 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP 0 to 70 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 2Mx32移动SDRAM 90FBGA 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
K4S64323LF-DG_S15 K4S64323LF-DG_S1H K4S64323LF-DG_ |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-SOIC -55 to 125 Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP -55 to 125
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
IDT7099S IDT7099S15G IDT7099S15GB IDT7099S15J IDT7 |
HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM JFET-Input Operational Amplifier 8-PDIP -40 to 85 JFET-Input Operational Amplifier 8-SOIC 0 to 70 JFET-Input Operational Amplifier 8-SOIC -40 to 85 4K X 9 MULTI-PORT SRAM, PQFP80
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
LTC1151 LTC1151C LTC1151CN8 LTC1151CS LT1151 |
Dual ±15V Zero-Drift Operational Amplifier Dual 15V Zero-Drift Operational Amplifier From old datasheet system Dual 【15V Zero-Drift Operational Amplifier
|
LINER[Linear Technology]
|
LA6358AM |
Operational Amplifiers: Dual high-performance operational amplifier
|
SANYO
|
CA328002 CA3280E CA3280 CA3280A CA3280AE |
OTA, Operational Transconductance Amplifier, Dual, 9MHz, Improved Input Characteristics Dual, 9MHz, Operational Transconductance Amplifier (OTA)
|
INTERSIL[Intersil Corporation]
|
4558 YD4558 |
DUAL OPERATIONAL AMPLIFIER-YD4558 DUAL OPERATIONAL AMPLIFIER-YD4558
|
List of Unclassifed Manufacturers ETC[ETC]
|
CXA1386K CXA1386P |
Dual Precision Operational Amplifier 20-LCCC -55 to 125 Dual Precision Operational Amplifier 8-CDIP -55 to 125
|
Sony Corporation
|