PART |
Description |
Maker |
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
TC623CVOA TC623CCOA TC623CCPA TC623CEOA TC623CEPA |
3V, Dual Trip Point Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
TC62013 |
5V, Dual Trip Point Temperature Sensors
|
Microchip Technology
|
TC620 |
5V, DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc
|
LTC1981ES5TRMPBF |
Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
AD7415 AD7414ART-0500RL7 AD7414ART-0REEL |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 温度变送器/传感 SMBus/I2C Digital Temperature Sensor in 6-Pin Sot With Smbus Alert And Over Temperature Pin
|
Analog Devices, Inc. AD
|
AM27H256-35LC AM27H256-35LCB AM27H256-35V05LC AM27 |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C x8 EPROM x8存储
|
3M Company
|
MF-RX300-0-014 MF-RX110-0-014 MF-RX135-0-014 MF-RX |
Radial Lead Resettable Fuses 60Volt 40Amps Hold 1.1A Trip 2.2A RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Bourns Inc. HIROSE ELECTRIC Co., Ltd.
|
MAX6518UKP095T MAX6518UKP095-T MAX6519UKP095T |
Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC2054HVMPS5TRMPBF LTC2054MPS5TRMPBF LTC2054CS5TR |
OP-AMP, 10 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 1 MM HEIGHT, LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
|