PART |
Description |
Maker |
MAX16910CASAV MAX16910CATAV MAX1691011 |
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
|
Maxim Integrated Products
|
RT9178-31PB RT9178-31PBR RT9178-25PB RT9178-25PBR |
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator 200mA的,超低噪音,超高速的CMOS LDO稳压
|
Richtek Technology, Corp. Richtek Technology Corporation
|
DST560S-A |
Littelfuse DST series Ultra Low VF Schottky Barrier Rectifier is designed to meet the general requirements of automotive applications by providing high temperature
|
Littelfuse
|
NCV8613 NCV8613MNR2G |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
|
ON Semiconductor
|
NCV8614B NCV8614BMNR2G |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
|
ON Semiconductor
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
C0603C331J5GACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 330 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
|
Kemet Corporation
|
LTC3544 |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology Corporation
|
NCP752 NCP752ASN18T1G NCP752ASN33T1G NCP752ASN30T1 |
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
AS1374-BWLT1833 AS1374-BWLT1533 AS1374-BWLT1818 AS |
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
|
austriamicrosystems AG ams AG
|
|