PART |
Description |
Maker |
LTA065A041F |
17cm.5 inchcolor TFT-LCD module 17厘米.5英寸)彩色TFT - LCD模块 17cm(6.5 inch) color TFT-LCD module 17cm6.5 inch color TFT-LCD module 17cm?.5 inch color TFT-LCD module
|
TOSHIBA[Toshiba Semiconductor]
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
PA035XUJ |
TFT LCD Panel This technical specification applies to 3.5inch color TFT-LCD panel. 本技术规范适用.5英寸彩色TFT - LCD面板
|
PRIME_VIEW AZ Displays, Inc.
|
UPD161644 UPD161644P |
Gate driver for 241-output TFT-LCD(on-chip power supply)
|
NEC
|
LC587202A LC587204A LC587206A LC587208A |
4-bit Single-chip Microcontrollers LCD driver ROM: 2, 4, 6, or 8 K x 16 bits, RAM: 512 x 4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:2 /4 /6 /or8 K x 16 bits / RAM:512 x4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:246or8 K x 16 bits RAM:512 x4 bits CMOS IC 4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits Single-Chip 4-Bit Microcontroller with LCD Driver,512 ×4bit RAM,4K× 16 Bit ROM on chip(单片4位微控制器(带LCD驱动器,512 ×4位RAMK× 16位ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
UPD161623 UPD161623P UPD161623W |
Source driver for 528-outputs TFT-LCD with on-chip RAM supporting 260K colors
|
NEC
|
APD-7181 AMB-280AT-D AMB-280A-D |
18 TFT Industrial Display Monitor 18 TFT SXGA LCD
|
AAEON Technology
|
NL8060BC26-13 |
TFT Color LCD Module(TFT彩色液晶显示器模 TFT彩色液晶显示模块(的TFT彩色液晶显示器模块) TFT Color LCD Module(TFT褰╄?娑叉??剧ず?ㄦā??
|
NEC Corp. NEC, Corp.
|
LQ6BW506 |
Color TFT-LCD Module(褰╄? TFT-LCD妯″?) Color TFT-LCD Module(Car Navigation) Color TFT-LCD Module (Car Navigation)
|
Sharp Corporation Sharp Electrionic Components
|
LC58E76 LC5872 LC5873 LC5874 LC5876 |
On-Chip EPROM Microcomputer 4-Bit Single-Chip Microprocessor with LCD Driver, 12 Kbytes of EPROM and 1Kbits of RAM On-Chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|