PART |
Description |
Maker |
HW-300B13 HW300B |
Shipped in bulk(500pcs per pack) Shipped in bulk
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
P11S3G0APFX10T0722 P11S2FBGHFY00D0078 P11S1F0APFW1 |
P11S 3 G 0 AP F X10 BULK HAZMAT - Bulk P11 2 Y B30 VHM CV21 5K 10% ,BULK,HAZMAT - Bulk MODULAR POT,P11 2Y AP 1K 10% (LONG SHAFT),TRAY,HAZMAT - Trays P11S, P11A 12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
|
Vishay Sfernice
|
ST47-60T1MIE3 ST560-25T2KI ST32ETA503 ST15-100T1KI |
ST SuperTan® Wet Tantalum Capacitors with Hermetic Seal Cap Tant Wet 560uF 25V 10% (7.92 X 17.88mm) Axial 0.83 Ohm 125C Bulk Res Cermet Trimmer 50K Ohm 20% 1/8W 1(Elec)/1(Mech)Turn 1.9mm (3.4 X 3.5 X 2mm) J-Hook SMD T/R CAP 15UF 100VDC 20% 5.56 X 13.08MM AXL - Bulk SCR PHASE CONT 600V 280A TO-93 Cap Tant Wet 10uF 125V 10% (4.78 X 11.51mm) Axial 5.5 Ohm 125C Bulk CAP 10UF 125VDC 20% 4.78 X 11.51MM AXL - Bulk CAP WET TANT 1200UF±20%V CAP 330UF 75VDC 20% 10.31 X 21.03MM AXL - Bulk CAP 33UF 75VDC 10% 4.78 X 11.51MM AXL - Bulk CAP 150UF 60VDC 10% 7.92 X 17.88MM AXL - Bulk Cap Tant Wet 220uF 100V 20% (10.31 X 28.6mm) Axial 1.2 Ohm 125C Bulk
|
Vishay Sprague Vishay Semiconductors
|
M39014/05-2100 M39014/05-2210 M39014/05-2269 M3901 |
CAP 0.15UF 50V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BR, 0.15 uF, THROUGH HOLE MOUNT CAP 33PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.000033 uF, THROUGH HOLE MOUNT CAP 0.027UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.027 uF, THROUGH HOLE MOUNT CAP 0.1UF 100V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.1 uF, THROUGH HOLE MOUNT CAP 27PF 100V 10% X7R AXIAL BULK M-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.000027 uF, THROUGH HOLE MOUNT CAP 0.012UF 50V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.012 uF, THROUGH HOLE MOUNT CAP 0.039UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.039 uF, THROUGH HOLE MOUNT CAP 0.015UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.015 uF, THROUGH HOLE MOUNT CAP 6800PF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.0068 uF, THROUGH HOLE MOUNT CAP 0.047UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.047 uF, THROUGH HOLE MOUNT CAP 68PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.000068 uF, THROUGH HOLE MOUNT CAP 1200PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.0012 uF, THROUGH HOLE MOUNT CAP 1500PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.0015 uF, THROUGH HOLE MOUNT CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BR, 3.3 uF, THROUGH HOLE MOUNT CAP 0.056UF 50V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, 50 V, BX, 0.056 uF, THROUGH HOLE MOUNT CAP 3900PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, 100 V, BX, 0.0039 uF, THROUGH HOLE MOUNT
|
AVX, Corp.
|
CKR06BX104KR |
Lead length shown is for parts supplied in bulk. See packaging specifications for lead lengths when not provided in bulk
|
Kemet Corporation
|
VI-261-EU-F2 VI-262-CU-F2 VI-260-CU VI-260-CV VI-2 |
DC-DC Converters 50 to 200 Watts The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. Remote sense and current limit The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?/a> component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters.
|
Vicor Corporation
|
F17723333200 F17724154030 F17723222000 |
X2MKT 33NF ?20% 300VAC PITCH 15MM - Bulk X2MKT 150NF ?10% 440VAC PITCH 27.5MM - Bulk Interference Suppression Film Capacitors MKT Radial Potted Type
|
Vishay BCcomponents Vishay Siliconix
|
HW-209A |
Shipped in packet-tape reel
|
ETC
|
G8605-25 G8605 G8605-11 G8605-12 G8605-13 G8605-15 |
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 420V; Case Size: 30x40 mm; Packaging: Bulk 铟镓砷PIN光电二极 Aluminum Snap-In Capacitor; Capacitance: 220uF; Voltage: 420V; Case Size: 25x35 mm; Packaging: Bulk 铟镓砷PIN光电二极 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 420V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 220uF; Voltage: 420V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 420V; Case Size: 35x30 mm; Packaging: Bulk InGaAs PIN photodiode
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
1-1337491-0 1-1337493-0 1-1478041-0 1-1478045-0 1- |
BNC ELBOW PLUG URM70 75 BNC BULKHEAD SOCKET 75 BNC STR AD J-J 75 OHM BNC BULK AD J-J 75 OHM BNC STR AD J-J 50 OHM BNC INS BULK AD J-J 50 BNC BULK AD J-J 50 OHM BNC INS BULK AD J-J 75 BNC STR PCB SOCK SQ 50 BNC STR PLUG URM70 BNC STR PLUG URM202 BNC STR PLUG BT2003 BNC STR PLUG BT2002 BNC ELBOW PLUG RG59 BNC TEE AD J-P-J 50 OHM BNC STRAIGHT PLUG RG174 插头直插头RG174 BNC ELBOW PLUG RG58 50 插头弯头插头RG58 50
|
TE Connectivity, Ltd.
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
|