PART |
Description |
Maker |
AT25DF641A-MH-T AT25DF641A-MH-Y AT25DF641A-SH-B AT |
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
|
ATMEL Corporation
|
AT25DF081A AT25DF081A-MH-T AT25DF081A-MH-Y AT25DF0 |
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
|
ATMEL Corporation 聚兴科技股份有限公司
|
NM25C040EMT8X NM25C040ENX NM25C040EM8X NM25W040LMT |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation
|
AT26DF321-SU AT26DF321-S3U AT25DF321-SU AT26DF321- |
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory 32M X 1 FLASH 2.7V PROM, PDSO8 Serial Peripheral Interface (SPI) Compatible
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC33298DW_R2 MCZ33298EG_R2 MC33298 |
Eight Output Switch with Serial Peripheral Interface I/O
|
FREESCALE[Freescale Semiconductor, Inc]
|
3329108 MCZ33291EG MCZ33291EGR2 |
Eight-Output Switch with Serial Peripheral Interface I/O
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
TLE6208-3G |
Triple-Halfbridge Driver with Serial Peripheral Interface I/O
|
Infineon
|
S25FS512S |
512 Mbit, 1.8 V Serial Peripheral Interface with Multi-I/O Flash
|
Cypress Semiconductor
|
HN58X2502FPIAG HN58X2504FPIAG HN58X2504IAG HN58X25 |
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
|
Renesas Electronics Corporation
|