PART |
Description |
Maker |
BTS5434G |
Smart High Side Switches - 4,5-28V; 4x60mOhm Smart High-Side Power Switch PROFET TWO CHANNELS/ 60MOHM
|
Infineon Technologies AG
|
BTS5234L |
Smart High Side Switches - 4,5-28V; 2x60mOhm Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
|
INFINEON[Infineon Technologies AG]
|
BTS50090-1TMB |
Smart High-Side Power Switch PROFET One Channel
|
Infineon Technologies AG
|
BTS50070-1TMA |
Smart High-Side Power Switch PROFET One Channel
|
Infineon Technologies AG
|
BTS6123B SP000092062 |
Smart High-Side Power Switch PROFET One Channel, 10 m蟹 Smart High-Side Power Switch PROFET One Channel, 10 mз
|
Infineon Technologies AG
|
BTS5231GS SP000203741 |
Smart High-Side Power Switch PROFET Two Channels, 140 m蟹 Smart High-Side Power Switch PROFET Two Channels, 140 mз
|
INFINEON[Infineon Technologies AG]
|
BTS6123P |
Smart High-Side Power Switch PROFET One Channel, 10 mз 智能高侧电源开关普罗费一通道0mз
|
Infineon Technologies AG
|
BTS5234L |
Smart High-Side Power Switch PROFET TWO CHANNELS/ 60MOHM
|
Infineon Technologies AG
|
BTS410D2 BTS410-D2 BTS410D2E3043 BTS410D2E3062A Q6 |
PROFET Smart High Side Power Switch Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown) From old datasheet system Smart Highside Power Switch 12 A BUF OR INV BASED PRPHL DRVR, PSFM5 Smart Highside Power Switch 智能阻抗高侧电源开
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
802-10-016 802-Z1-016-10-002 800-10-016-10-001 800 |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. Safety Control Relay; Contacts:SPST-NO; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 4 AAC/ADC; Height:110mm; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No 45LM58D TIMING BOARD Q45 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: n.a.
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
BTS716G BTS716 Q67060-S7025 |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-SO -55 to 125 Smart High Side Switches - 3,0-40V, 4x140mΩ Limit(scr) 6,5A DSO-20-9 Smart High-Side Power Switch Four Channels: 4 x 140m Status Feedback Smart High-Side Power Switch Four Channels: 4 x 140mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|
BTS723GW Q67060-S7501 |
Smart High-Side Power Switch Two Channels: 2 x 100m?/a> Status Feedback Suitable for 42V Smart High-Side Power Switch Two Channels: 2 x 100mз Status Feedback Suitable for 42V 智能高侧电源开关两个渠道:2 ×100mз状态反馈适用2V High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 Smart High-Side Power Switch Two Channels: 2 x 100m Status Feedback Suitable for 42V Smart High Side Switches - 5,0-62V, 2x100mLimit(scr) 8A DSO-14-9
|
INFINEON[Infineon Technologies AG]
|