PART |
Description |
Maker |
AT91RM3400-AI-001 |
ARM7TDMI based Microcontroller
|
Atmel
|
AT91FR4081NBSP AT91FR4081 AT91FR4081-33CI |
AT91 ARM Thumb Microcontrollers From old datasheet system Includes, in a single package, an AT91R40807 16/32-bit RISC microcontroller based on the ARM7TDMI Co
|
ATMEL[ATMEL Corporation]
|
W90N740 W90N740CD |
32-BIT ARM7TDMI-BASED MICRO-CONTROLLER Consumer IC > Controller IC >32-bit Microcontroller
|
WINBOND[Winbond]
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|
ADUC702X1 ADUC7022BCP32 ADUC7022BCP62 ADUC7026BST6 |
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
Analog Devices
|
PIC16F785 PIC16F785-I_P PIC16F785-I_SO PIC16F785-I |
20-Pin Flash-Based 8-Bit CMOS Microcontroller 20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
ADUC7122 |
ADuC7122: Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI® MCU (Rev 0, 05/2010)
|
Analog Devices
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
AT91RM9200 AT91RM9200-CJ-002 AT91RM9200-QU-002 AT9 |
ARM920T based Microcontroller
|
ATMEL Corporation
|
AT91RM92000509 |
ARM920T based Microcontroller
|
ATMEL Corporation
|