PART |
Description |
Maker |
BC847BS09 |
NPN GENERAL PURPOSE DUAL TRANSIS
|
Pan Jit International Inc.
|
2SC2937 2SC3224 2SC3262 2SC3261 2SC3259 2SC2507 2S |
(2SCxxxx) Power Transistors
|
Aristo-Craft
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
2SC4493 |
NPN Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications
|
SANYO
|
MSK610 MSK610-15 MSK610B |
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER Ultra Low Quiescent Current - ±12mA for High Voltage Stage
|
Anaren Microwave M.S. Kennedy Corporatio...
|
2SA1400-Z |
High Voltage: VCEO=-400V High speed:tr 1.0ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
2SA1412-Z |
High Voltage: VCEO=-400V High speed:tr 0.7ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
2SC4256 |
NPN Triple Diffused Planar Silicon Transistor 1200V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|